Part Number Hot Search : 
00203 15700 7805A C1455 SJ2155 03150 CW7808 SB5045
Product Description
Full Text Search
 

To Download TZM5221B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TZM5221B...TZM5267B
Vishay Telefunken
Silicon Z-Diodes
Features
D Very sharp reverse characteristic D Very high stability D Electrical data identical with the devices
1N5221B...1N5267B
D Low reverse current level D VZ-tolerance 5%
Applications
Voltage stabilization
94 9371
Absolute Maximum Ratings
Tj = 25_C Parameter Power dissipation Z-current Junction temperature Storage temperature range Test Conditions RthJA<300K/W, Tamb=25C Type Symbol PV IZ Tj Tstg Value 500 PV/VZ 175 -65...+175 Unit mW mA C C
Maximum Thermal Resistance
Tj = 25_C Parameter Test Conditions Junction ambient on PC board 50mmx50mmx1.6mm Symbol RthJA Value 500 Unit K/W
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Test Conditions IF=200mA Type Symbol VF Min Typ Max 1.1 Unit V
Document Number 85609 Rev. 2, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 1 (4)
TZM5221B...TZM5267B
Vishay Telefunken
Type TZM5221B TZM5222B TZM5223B TZM5224B TZM5225B TZM5226B TZM5227B TZM5228B TZM5229B TZM5230B TZM5231B TZM5232B TZM5233B TZM5234B TZM5235B TZM5236B TZM5237B TZM5238B TZM5239B TZM5240B TZM5241B TZM5242B TZM5243B TZM5244B TZM5245B TZM5246B TZM5247B TZM5248B TZM5249B TZM5250B TZM5251B TZM5252B TZM5253B TZM5254B TZM5255B TZM5256B TZM5257B TZM5258B TZM5259B TZM5260B TZM5261B TZM5262B TZM5263B TZM5264B TZM5265B TZM5266B TZM5267B VZnom1) V 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 IZT mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7 for rzjT rzjk at IZK mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 IR at VR V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56 TKVZ %/K < -0.085 < -0.085 < -0.080 < -0.080 < -0.075 < -0.070 < -0.065 < -0.060 < 0.055 < 0.030 < 0.030 < +0.038 < +0.038 < +0.045 < +0.050 < +0.058 < +0.062 < +0.065 < +0.068 < +0.075 < +0.076 < +0.077 < +0.079 < +0.082 < +0.082 < +0.083 < +0.084 < +0.085 < +0.086 < +0.086 < +0.087 < +0.088 < +0.089 < +0.090 < +0.091 < +0.091 < +0.092 < +0.093 < +0.094 < +0.095 < +0.095 < +0.096 < +0.096 < +0.097 < +0.097 < +0.097 < +0.098
W
W
mA
< 30 < 30 < 30 < 30 < 29 < 28 < 24 < 23 < 22 < 19 < 17 < 11 <7 <7 <5 <6 <8 <8 < 10 < 17 < 22 < 30 < 13 < 15 < 16 < 17 < 19 < 21 < 23 < 25 < 29 < 33 < 35 < 41 < 44 < 49 < 58 < 70 < 80 < 93 < 105 < 125 < 150 < 170 < 185 < 230 < 270
< 1200 < 1250 < 1300 < 1400 < 1600 < 1600 < 1700 < 1900 < 2000 < 1900 < 1600 < 1600 < 1600 < 1000 < 750 < 500 < 500 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 700 < 700 < 800 < 900 < 1000 < 1100 < 1300 < 1400 < 1400 < 1600 < 1700
< 100 < 100 < 75 < 75 < 50 < 25 < 15 < 10 <5 <5 <5 <5 <5 <5 <3 <3 <3 <3 <3 <3 <2 <1 < 0.5 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1
1) Based on dc-measurement at thermal equilibrium; case temperature maintained at 30C 2C.
www.vishay.de * FaxBack +1-408-970-5600 2 (4)
Document Number 85609 Rev. 2, 01-Apr-99
TZM5221B...TZM5267B
Vishay Telefunken Dimensions in mm
96 12070
Document Number 85609 Rev. 2, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 3 (4)
TZM5221B...TZM5267B
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
www.vishay.de * FaxBack +1-408-970-5600 4 (4)
Document Number 85609 Rev. 2, 01-Apr-99


▲Up To Search▲   

 
Price & Availability of TZM5221B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X